PART |
Description |
Maker |
481-0200 |
Screw Mount Cable Tie
|
List of Unclassifed Man...
|
561-TA250125 |
Cable Tie Mount
|
List of Unclassifed Man...
|
151-00135 151-00115 151-28529 |
Cable Tie Mount s Cable Tie Mount s
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
1-103058-0 |
COVER, LEVEL V, 125 CL WITH CABLE TIE PADDLE, COLOR-BLACK
|
Tyco Electronics
|
0192520130 |
101.60mm (4.000) UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag 101.60mm (4.000") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
|
Molex Electronics Ltd.
|
N-04-18-0-C-LC 0192520131 |
101.60mm (4.000) UV Black Cable Tie, 18 Pound Tensile Strength, 100/Bag 101.60mm (4.000") UV Black Cable Tie, 18 Pound Tensile Strength, 100/Bag
|
Molex Electronics Ltd.
|
0192520139 N-08-40-9-M-LC |
203.20mm (8.000) Natural Cable Tie, 40 Pound Tensile Strength, 1000/Bag 203.20mm (8.000") Natural Cable Tie, 40 Pound Tensile Strength, 1000/Bag
|
Molex Electronics Ltd.
|
N-14-50-0-C-LC 0192520155 |
368.30mm (14.500) UV Black Cable Tie, 50 Pound Tensile Strength, 100/Bag 368.30mm (14.500") UV Black Cable Tie, 50 Pound Tensile Strength, 100/Bag
|
Molex Electronics Ltd.
|
N-14-120-0-C-LC 0192520157 |
368.30mm (14.500") UV Black Cable Tie, 120 Pound Tensile Strength, 100/Bag 368.30mm (14.500) UV Black Cable Tie, 120 Pound Tensile Strength, 100/Bag
|
Molex Electronics Ltd.
|